Part Number Hot Search : 
LL1570XL BD679AS OP11EY DMMT3904 10700451 WH1602B 10012 I2000RU
Product Description
Full Text Search
 

To Download DC321A103KA5210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100 discoidal mlc feed-through capacitors and filters dc style (us preferred sizes) / xb style (european preferred sizes) xf style (feed-through discoidal) lowest capacitance impedances to ground temperature coefficient c0g: a temperature coefficient - 0 30 ppm/c, -55 +125c x7r: c temperature coefficient - 15%, -55 to +125c z5u: e temperature coefficient - +22, -56%, +10 to +85c capacitance test (mil-std-202 method 305) c0g: 25c, 1.00.2 vrms at 1khz, for 100 pf use 1 mhz x7r: 25c, 1.00.2 vrms at 1khz z5u: 25c, 0.5 vrms max at 1khz dissipation factor 25c c0g: 0.15% max @ 25c, 1.00.2 vrms at 1khz, for 100 pf use 1 mhz x7r: 2.5% max @ 25c, 1.00.2 vrms at 1khz z5u: 3.0% max @ 25c, 0.5 vrms max at 1khz insulation resistance 25c (mil-std-202 method 302) c0g and x7r: 100k m or 1000 m -f, whichever is less. z5u: 10k m or 1000 m -f, whichever is less. insulation resistance 125c (mil-std-202 method 302) c0g and x7r: 10k m or 100 m -f, whichever is less. z5u: 1k m or 100 m -f, whichever is less. dielectric withstanding voltage 25c (flash test)* c0g and x7r: 250% rated voltage for 5 seconds with 50 ma max charging current. 500v rated units will be tested at 750 vdc z5u: 200% rated voltage for 5 seconds with 50 ma max charging current. life test (1000 hrs) c0g and x7r: 200% rated voltage at +125c (500 volt units @ 600 vdc) z5u: 150% rated voltage at +85c moisture resistance (mil-std-202 method 106) c0g, x7r, z5u: ten cycles with no voltage applied. thermal shock (mil-std-202 method 107, condition a) immersion cycling (mil-std-202 method 104, condition b) dc61 5 a 561 k a 5 1 06 avx voltage temperature capacitance code capacitance test termination inside maximum style 50v = 5 coefficient (2 significant digits tolerance level 5 = silver diameter thickness see pages 100v = 1 c0g = a + no. of zeros) c0g: j = 5% a = standard (avx standard) see pages 06 = 1.52 (0.060) 101-102 200v = 2 x7r = c examples: k = 10% 102-104 10 = 2.54 (0.100) 500v = 7 z5u = e m = 20% x7r: k = 10% m = 20% z5u: m = 20% z = +80 -20% p = gmv for dimensions, voltages or values not specified, please consult factory. a discoidal mlc capacitor has very low impedance associated with its ground path since the signal is presented with a multi-directional path. these electrode paths, which can be as many as 100, allow for low esr and esl which are the major ele- ments in impedance at high frequencies. the assembled discoidal element or feed-thru allows signal to be fed in through a chassis or bulkhead, conditioned as it passes through the discoidal, and isolated by the chassis and discoidal from the original signal. an example of this application would be in an aft circuit where the ac noise signal would be required to be stripped from the dc control signal. other applications include single line emi/rfi suppression, l-c filter construction, and coaxial shield bypass filtering. the shape of the discoidal lends itself to filter construction. the short length allows compact construction where l-c construction is desired. the size freedom associated with this element allows almost any inside/ outside diameter combination. by allowing the inside diameter to equal the center insulator diameter of a coaxial signal line and special termination tech- niques, this device will allow bypass filtering of a floating shield to ground. discoidal capacitors are available in three temperature coefficients (c0g, x7r, z5u) and a variety of sizes, the most standard of which appear in this catalog. insertion loss 0 100 200 300 400 500 600 700 800 900 1000 single chip discoidal 0 -10 -20 -30 -40 -50 -60 -70 -80 f (mhz) (db) how to order od* id t max. these surfaces are metallized .127 (0.005). minimum wide except for dc61, dc26 and dc63 where metallized surfaces are .127 (0.005) maximum. *tol. = .254 (0.010) or 3%, whichever is greater + - electrical specifications application information on discoidal 10 pf = 100 100 pf = 101 1,000 pf = 102 22,000 pf = 223 220,000 pf = 224 1 f = 105 avx?s dc series 50v, 100v, 200v, c0g and x7r parts are capable of meeting the requirements of mil-prf-31033.
101 inside diameter: size and capacitance specifications dimensions: millimeters (inches) 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 *outside diameter: tolerance is 0.254 (0.010) or 3% whichever is greater 1 = .635 +.127 (.025 +.005 ) -.051 -.002 2 = .762 +.127 (.030 +.005 ) -.051 -.002 3 = .914 +.127 (.036 +.005 ) -.051 -.002 4 = 1.07 +.127 (.042 +.005 ) -.051 -.002 5 = 1.27.127 (0.050.005) 6 = 1.52.127 (0.060.005) 7 = 1.73.127 (0.068.005) eia characteristic c0g avx style dc61 dc26 dc63 dc04 dc65 dc66 dc67 dc69 dc32 dc70 dc02 dc71 dc05 dc73 dc72 outside 2.54 3.43 3.81 4.83 5.33 5.97 6.73 8.13 8.51 8.89 9.40 9.78 12.70 15.24 16.26 diameter (od)* (0.100) (0.135) (0.150) (0.190) (0.210) (0.235) (0.265) (0.320) (0.335) (0.350) (0.370) (0.385) (0.500) (0.600) (0.640) thickness 1.52 1.52 1.52 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 maximum (t) (0.060) (0.060) (0.060) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) inside 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 diameter no. (id) 1,2 1,2,3 1,2,3,4 1,2,3 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 voltage cap. in pf 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 discoidal mlc feed-through capacitors and filters dc style
102 *outside diameter: tolerance is 0.254 (0.010) or 3% whichever is greater size and capacitance specifications dimensions: millimeters (inches) 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 500 200 100 50 eia characteristic x7r avx style dc61 dc26 dc63 dc04 dc65 dc66 dc67 dc69 dc32 dc70 dc02 dc71 dc05 dc73 dc72 outside 2.54 3.43 3.81 4.83 5.33 5.97 6.73 8.13 8.51 8.89 9.40 9.78 12.70 15.24 16.26 diameter (od)* (0.100) (0.135) (0.150) (0.190) (0.210) (0.235) (0.265) (0.320) (0.335) (0.350) (0.370) (0.385) (0.500) (0.600) (0.640) thickness 1.52 1.52 1.52 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 maximum (t) (0.060) (0.060) (0.060) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) inside 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 diameter no. (id) 1,2 1,2,3 1,2,3,4 1,2,3 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 voltage cap. in pf 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 820,000 1.0 f 1.2 f 1.5 f 1.8 f 2.2 f 2.7 f 3.3 f 3.9 f 6.8 f inside diameter: 1 = .635 +.127 (.025 +.005 ) -.051 -.002 2 = .762 +.127 (.030 +.005 ) -.051 -.002 3 = .914 +.127 (.036 +.005 ) -.051 -.002 4 = 1.07 +.127 (.042 +.005 ) -.051 -.002 5 = 1.27.127 (0.050.005) 6 = 1.52.127 (0.060.005) 7 = 1.73.127 (0.068.005) discoidal mlc feed-through capacitors and filters dc style
103 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 200 100 50 size and capacitance specifications dimensions: millimeters (inches) discoidal mlc feed-through capacitors and filters dc style inside diameter: 1 = .635 +.127 (.025 +.005 ) -.051 -.002 2 = .762 +.127 (.030 +.005 ) -.051 -.002 3 = .914 +.127 (.036 +.005 ) -.051 -.002 4 = 1.07 +.127 (.042 +.005 ) -.051 -.002 5 = 1.27.127 (0.050.005) 6 = 1.52.127 (0.060.005) 7 = 1.73.127 (0.068.005) *outside diameter: tolerance is 0.254 (0.010) or 3% whichever is greater eia characteristic z5u avx style dc61 dc26 dc63 dc04 dc65 dc66 dc67 dc69 dc32 dc70 dc02 dc71 dc05 dc73 dc72 outside 2.54 3.43 3.81 4.83 5.33 5.97 6.73 8.13 8.51 8.89 9.40 9.78 12.70 15.24 16.26 diameter (od)* (0.100) (0.135) (0.150) (0.190) (0.210) (0.235) (0.265) (0.320) (0.335) (0.350) (0.370) (0.385) (0.500) (0.600) (0.640) thickness 1.52 1.52 1.52 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 2.54 maximum (t) (0.060) (0.060) (0.060) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) (0.100) inside 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 5,6,7 diameter no. (id) 1,2 1,2,3 1,2,3,4 1,2,3 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 1,2,3,4 voltage cap. in pf 1800 2200 2700 3300 3900 4700 5600 6800 8200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 820,000 1.0 f 1.2 f 1.5 f 1.8 f 2.2 f 2.7 f 3.3 f 3.9 f 4.7 f 5.6 f 6.8 f 8.2 f 10.0 f 12.0 f 15.0 f
104 discoidal mlc feed-through capacitors and filters discoidal xb / feed-through xf ? c0g type terminations reference mechanical characteristics silver xb..c?....? -- palladium cecc 30600 tinned xb..c?....? mb silver palladium mil 11015 d conformance silver xf..c?....? -- to palladium ck12 type tinned silver palladium xf..c?....? mb od e bm id bm od e 20 (0.787) min. 20 (0.787) min. ? references electrical characteristics od id bm ? e size xb/xf xb/xf...mb xb xb...mb min (xf) min max 03 3.8 0.3 4.1 0.4 0.7 0.15 > 0.4 0.1 0.5 1 see (0.150 0.012) (0.161 0.016) (0.028 0.006) (> 0.016) (0.004) (0.020) table 04 3.8 0.3 ? 1.2 0.15 ? 0.1 ? 1 on (0.150 0.012) (0.047 0.006) (0.004) page 08 7.9 0.3 8.2 0.4 0.8 0.15 > 0.5 0.2 0.6 1 105 (0.311 0.012) (0.323 0.016) (0.031 0.006) (> 0.020) (0.008) (0.024) dielectric class c0g temperature coefficient 0 30 ppm/c climatic category -55 / 125 / 56 operating temperature -55 +125c rated voltage (u r ) 50 to 400v test voltage (u e )2.5 u r tangent of loss angle c < 50 pf tg < 1.5 150 + 7 10 -4 ( c r ) c 50 pf tg < 15(10 -4 ) insulation resistance ri 100 g dimensions millimeters (inches) how to order xb 06 z g 0104 k -- avx style size class voltage capacitance tolerance packaging xb 03 c = np0 d = 63 eia code j = 5% -- : bulk xf 04 z = x7r e = 100 on 3 or 4 k = 10% 06 f = 160 digits m = 20% 07 g = 250 08 i = 400 09 j = 500 (optional) 10 14 15
105 discoidal mlc feed-through capacitors and filters discoidal xb / feed-through xf ? c0g rated voltage ? rated capacitances size 03 04 08 capacitance rated voltage - u r (v)/ur code c r dd f 10 pf 15 pf 22 pf 33 pf 47 pf 68 pf 100 pf 150 pf 220 pf 330 pf 470 pf 680 pf 1000 pf 1500 pf 2200 pf 3300 pf 4700 pf 6800 pf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf thickness e max 1.4 (0.055) 1.4 (0.055) 1.8 (0.071) mm (inches) 50/63 50/63 160 ? other values, please contact us ? for tinned types, add 0.5 (0.020) to e max
106 od id bm ? e size xb/xf xb/xf...mb xb xb...mb min (xf) min max 03 3.8 0.3 4.1 0.4 0.7 0.15 > 0.4 0.1 0.5 1.0 (0.150 0.012) (0.161 0.016) (0.028 0.006) (> 0.016) (0.004) (0.020) (0.039) 04 3.8 0.3 ? 1.2 0.15 ? 0.1 ? 1.0 (0.150 0.012) (0.047 0.006) (0.004) (0.039) 06 6.4 0.3 6.7 0.4 1.7 0.15 > 0.5 0.2 0.6 1.0 see (0.252 0.012) (0.264 0.016) (0.067 0.006) (> 0.020) (0.008) (0.024) (0.039) 07 7.3 0.3 7.6 0.4 1.7 0.15 > 0.5 0.2 0.6 1.0 table (0.287 0.012) (0.299 0.016) (0.067 0.006) (> 0.020) (0.008) (0.024) (0.039) on 08 7.9 0.3 8.2 0.4 0.8 0.15 > 0.5 0.2 0.6 1.0 page (0.311 0.012) (0.323 0.016) (0.031 0.006) (> 0.020) (0.008) (0.024) (0.039) 09 8.4 0.4 8.7 0.5 1.6 0.3 > 0.5 0.2 0.6 1.0 107 (0.331 0.016) (0.343 0.020) (0.063 0.012) (> 0.020) (0.008) (0.024) (0.039) 10 9.6 0.4 9.9 0.5 1.2 0.15 > 0.9 0.2 1.0 1.0 (0.378 0.016) (0.390 0.020) (0.047 0.006) (> 0.035) (0.008) (0.039) (0.039) 14 14.0 0.5 14.3 0.6 1.7 0.3 > 0.9 0.2 1.0 1.0 (0.551 0.020) (0.563 0.024) (0.067 0.012) (> 0.035) (0.008) (0.039) (0.039) 15 15.0 0.5 15.3 0.6 2.3 0.3 > 0.9 0.2 1.0 1.0 (0.591 0.020) (0.602 0.024) (0.091 0.012) (> 0.035) (0.008) (0.039) (0.039) discoidal mlc feed-through capacitors and filters discoidal xb / feed-through xf ? x7r type terminations reference mechanical characteristics silver xb..z?....? -- palladium tinned cecc 30700 silver palladium xb..z?....? mb mil 11015 d conformance silver xf..z?....? -- to palladium ck12, ck13, ck14 types tinned silver palladium xf..z?....? mb od e bm id bm od e 20 (0.787) min. 20 (0.787) min. ? references electrical characteristics dimensions millimeters (inches) dielectric class x7r temperature coefficient c/c 15% (-55 +125c) climatic category -55 / 125 / 56 operating temperature -55 +125c rated voltage (u r ) 50 to 400v test voltage (u e )2.5 u r tangent of loss angle tg ? 250(10 -4 ) insulation resistance c 10 nf ri 100 g c > 10 nf ri xc 1000s
107 ? other values, please contact us ? for tinned types, add 0.5 (0.020) to e max discoidal mlc feed-through capacitors and filters discoidal xb / feed-through xf ? x7r rated voltage ? rated capacitances size 03-04 06 07 08-09 10 14-15 capacitance u r- (v)/code u r c r d defgdefgidefgidefgi defgi 100 pf 150 pf 220 pf 330 pf 470 pf 680 pf 1000 pf 1500 pf 2200 pf 3300 pf 4700 pf 6800 pf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf 680 nf 1 f 1.5 f 2.2 f 3.3 f 4.7 f e max mm (inches) 1.4 2 2 2 2 3 3 3 3 3 1.8 3 1.8 3 3 3 3 3 3 3 3.5 3.5 3.5 3.5 3.5 (0.055) ( 0.079) ( 0.079) ( 0.079) ( 0.079) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.071) ( 0.118) ( 0.071) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.118) ( 0.138) ( 0.138) ( 0.138) ( 0.138) (0.138) 50/63 50/63 100 160 250 50/63 100 160 250 400 50/63 100 160 250 400 50/63 100 160 250 400 50/63 100 160 250 400


▲Up To Search▲   

 
Price & Availability of DC321A103KA5210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X